Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1660 Datasheet HTML 1Page - Monolithic Power Systems MP1660 Datasheet HTML 2Page - Monolithic Power Systems MP1660 Datasheet HTML 3Page - Monolithic Power Systems MP1660 Datasheet HTML 4Page - Monolithic Power Systems MP1660 Datasheet HTML 5Page - Monolithic Power Systems MP1660 Datasheet HTML 6Page - Monolithic Power Systems MP1660 Datasheet HTML 7Page - Monolithic Power Systems MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
4
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (7), typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Shutdown supply current
IIN
VEN = 0V
10
μA
Quiescent supply current
IQ
TJ = -40°C to +125°C, VEN = 2V,
VFB = 0.65V
0.15
0.19
0.3
mA
TJ = 25°C, VEN = 2V,
VFB = 0.65V
0.16
0.19
0.23
mA
HS switch on resistance
HSRDS-ON
VBST-SW = 3.3V
110
mΩ
LS switch on resistance
LSRDS-ON
60
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 12V
10
μA
Valley current limit
ILIMIT
4
A
Zero-current detection
IZCD
VOUT = 3.3V, LO = 4.7
μH,
IOUT = 0A
-150
-20
+150
mA
Oscillator frequency
fSW
420
600
780
kHz
Minimum on time (8)
tON_MIN
45
ns
Minimum off time (8)
tOFF_MIN
180
ns
Feedback voltage
VREF
TJ = 25°C
591
606
621
mV
Feedback voltage
VREF
TJ = -40°C to +125 °C
587
606
625
mV
Feedback current
IFB
10
100
nA
FB under-voltage threshold
(high to low)
VUV_TH
Hiccup entry
68%
VREF
Hiccup duty cycle (8)
DHICCUP
25
%
EN rising threshold
VEN_RISING
1.14
1.2
1.26
V
EN hysteresis
VEN_HYS
100
mV
EN input current
IEN
VEN = 2V
2
µA
VIN under-voltage lockout
rising threshold
INUVVTH
3.7
4.1
4.35
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
330
mV
Soft-start time
tSS
0.6
1
1.4
ms
Thermal shutdown (8)
TSD
150
°C
Thermal hysteresis (8)
TSDHYS
20
°C
Notes:
7) Not tested in production. Guaranteed by over-temperature correlation.
8) Guaranteed by design and engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com