Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1660 Datasheet HTML 7Page - Monolithic Power Systems MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems MP1660 Datasheet HTML 10Page - Monolithic Power Systems MP1660 Datasheet HTML 11Page - Monolithic Power Systems MP1660 Datasheet HTML 12Page - Monolithic Power Systems MP1660 Datasheet HTML 13Page - Monolithic Power Systems MP1660 Datasheet HTML 14Page - Monolithic Power Systems MP1660 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
11
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP1660 offers valley current limit control.
While the LS-FET is on, the inductor current is
monitored. When the sensed inductor current
reaches the valley current limit, the low-side
limit comparator turns over. The device enters
over-current protection (OCP) mode, and the
HS-FET waits until the valley current limit
disappears before turning on again. Meanwhile,
the output voltage drops until VFB drops below
the under-voltage (UV) threshold (typically 75%
below the reference). Once UV is triggered, the
MP1660 enters hiccup mode to periodically
restart the part.
During
over-current
protection
(OCP),
the
device attempts to recover from an over-current
fault with hiccup mode. The chip disables the
output power stage, discharges soft start, and
attempts to soft start again automatically. If the
over-current condition still remains after soft
start ends, the device repeats this operation
cycle until the over-current condition is removed
and the output rises back to the regulation level.
OCP is a non-latch protection.
SCP performance is the same as OCP.
Pre-Biased Start-Up
The MP1660 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the BST
voltage is refreshed and charged, and the soft
start voltage is charged as well. If the BST
voltage exceeds its rising threshold voltage and
the soft-start voltage exceeds the sensed
output voltage at FB, the MP1660 begins
working normally.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, the entire chip shuts down. When the
temperature falls below its lower threshold
(typically 130°C), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver
has
its
own
under-voltage
lockout
(UVLO) protection with a rising threshold of
2.2V and a hysteresis of 150mV. VIN regulates
the
bootstrap
capacitor
voltage
internally
through D1, M1, C3, L1, and C2 (see Figure 3).
If VIN - VSW exceeds 3.3V, U2 regulates M1 to
maintain a 3.3V BST voltage across C3.
U1
3.3V
D1
M1
U2
C3
L1
C2
VIN
VOUT
SW
GND
BST
Figure 3: Internal Bootstrap Charger
Start-Up and Shutdown Circuit
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating a stable reference
voltage and current, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuits.
Three events can shut down the chip: EN going
low, VIN going low, and thermal shutdown. The
shutdown procedure starts by blocking the
signaling
path
initially
to
avoid
any
fault
triggering. The internal supply rail is then pulled
down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com