Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1660 Datasheet HTML 2Page - Monolithic Power Systems MP1660 Datasheet HTML 3Page - Monolithic Power Systems MP1660 Datasheet HTML 4Page - Monolithic Power Systems MP1660 Datasheet HTML 5Page - Monolithic Power Systems MP1660 Datasheet HTML 6Page - Monolithic Power Systems MP1660 Datasheet HTML 7Page - Monolithic Power Systems MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems MP1660 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
6
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, L = 4.7µH, TA = 25°C, unless otherwise noted.
Efficiency vs. Load Current
VOUT = 1V, L = 1.5µH, DCR =
6MΩ
Load Regulation
50
55
60
65
70
75
80
85
90
95
0.01
0.1
1
10
LOAD CURRENT (A)
VIN=5V
VIN=12V
VNI=16V
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
0.5
1
1.5
2
2.5
3
LOAD CURRENT (A)
VIN=6V
VIN=12V
VIN=16V
Line Regulation
Case Temperature Rise vs. Load
Current
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
IOUT=0.01A
IOUT=1.5A
IOUT=3A
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
LOAD CURENT (A)
Enabled Supply Current vs. Input
Voltage
VEN = 2V, VFB = 0.65V
Disabled Supply Current vs. Input
Voltage
VEN = 0V
160
170
180
190
200
210
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
4
6
8
10
12
14
16
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com