Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1660 Datasheet HTML 10Page - Monolithic Power Systems MP1660 Datasheet HTML 11Page - Monolithic Power Systems MP1660 Datasheet HTML 12Page - Monolithic Power Systems MP1660 Datasheet HTML 13Page - Monolithic Power Systems MP1660 Datasheet HTML 14Page - Monolithic Power Systems MP1660 Datasheet HTML 15Page - Monolithic Power Systems MP1660 Datasheet HTML 16Page - Monolithic Power Systems MP1660 Datasheet HTML 17Page - Monolithic Power Systems MP1660 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
14
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout of the switching power
supplies is critical for stable function. Poor
layout design can result in poor line or load
regulation and stability issues. For the best
results, refer to Figure 5 and follow the
guidelines below:
1. Place the high-current paths (GND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible (within 1mm).
3. Place the external feedback resistors next
to FB.
4. Keep the switching node (SW) short, and
route it away from the feedback network.
VIN
OUT
GND
GND
Top Layer
GND
VOUT
Bottom Layer
Figure 5: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com