Electronic Components Datasheet Search
  English  ▼

X  

MP1660 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1660 Datasheet HTML 1Page - Monolithic Power Systems MP1660 Datasheet HTML 2Page - Monolithic Power Systems MP1660 Datasheet HTML 3Page - Monolithic Power Systems MP1660 Datasheet HTML 4Page - Monolithic Power Systems MP1660 Datasheet HTML 5Page - Monolithic Power Systems MP1660 Datasheet HTML 6Page - Monolithic Power Systems MP1660 Datasheet HTML 7Page - Monolithic Power Systems MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
3
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Supply voltage. The MP1660 operates from a 4.5V to 16V input rail. A capacitor (C1) is
required to decouple the input rail. Connect VIN using a wide PCB trace.
2
SW
Switch output. Connect SW using a wide PCB trace.
3
GND
System ground. GND is the reference ground of the regulated output voltage. GND
requires extra consideration when designing the PCB layout. Connect GND with copper
traces and vias.
4
BST
Bootstrap. Connect a 1µF BST capacitor and a resistor between SW and BST to form a
floating supply across the high-side switch driver.
5
EN
Enable. Drive EN high to enable the MP1660. For automatic start-up, connect EN to VIN
through a 100k
Ω pull-up resistor.
6
FB
Feedback. To set the output voltage, connect FB to the tap of an external resistor divider
from the output to GND.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................-0.3V to +20V
VSW............................. -0.6V (-6.5V for <10ns) to
VIN + 0.3V (21V for <10ns)
VBST ...................................................... VSW + 5V
VEN .............................................. -0.3V to +5V (2)
All other pins ...................................-0.3V to +5V
Continuous power dissipation (TA = 25°C)
(3) (5)
................................................................... 2.2W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ...................... 2000V
Charged device model (CDM)..................1500V
Recommended Operating Conditions (4)
Supply voltage (VIN) .........................4.5V to 16V
Output voltage (VOUT) ........0.6V to VIN x DMAX or
10V maximum
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
SOT563
EVL1660-TF-00A (5) ............... 55....... 21 ... °C/W
JESD51-7 (6) ......................... 130...... 60 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) For
details on EN’s ABS max rating, see the Enable Control
section.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation produces an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on EVL1660-TF-00A, 2-layer PCB.
6)
The value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com