Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 6Page - ASIX Electronics Corporation AX88170L Datasheet HTML 7Page - ASIX Electronics Corporation AX88170L Datasheet HTML 8Page - ASIX Electronics Corporation AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation AX88170L Datasheet HTML 10Page - ASIX Electronics Corporation AX88170L Datasheet HTML 11Page - ASIX Electronics Corporation AX88170L Datasheet HTML 12Page - ASIX Electronics Corporation AX88170L Datasheet HTML 13Page - ASIX Electronics Corporation AX88170L Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ASIX ELECTRONICS CORPORATION
10
CONFIDENTIAL
AX88170
PRELIMINARY
0: Normal operation mode.
1: Speed up test mode enable.
TEST0
I/PD
55
Test Pin: This pin for test purpose only.
Pull down the pin or keep no connection for normal operation.
TEST1
I/PD
56
Test Pin: This pin for test purpose only.
Pull down the pin or keep no connection for normal operation.
TEST2
I
57
Test Pin: This pin for test purpose only.
Pull down the pin for normal operation.
TEST3
I/PD
58
Test Pin: This pin for test purpose only.
Pull down the pin or keep no connection for normal operation.
TEST4
I/PD
61
Test Pin: This pin for test purpose only.
Pull down the pin or keep no connection for normal operation.
TEST_OUT
O
60
Test Output Pin: This pin for test purpose only.
LDRDY
O
62
Load EEPROM data completed indicator. Active high.
ACT/LINK
O
63
LED indicator: When link fail, drives logic high always. When link OK, the
pin drives logic low and will drives high a period when line has activity
(data transfer).
/PHY_RST
O
39
PHY Reset: This pin is used to reset PHY and is an active low signal.
GPIO0
B/PD
38
General Purpose I/O 0: Refer to section 4.3 USB Vendor Commands
GPIO1
B/PD
40
General Purpose I/O 1: Refer to section 4.3 USB Vendor Commands
/HOMELINK
I/PU
41
Link Status: For external HomePHY link state input active low
VDD
P
3, 10, 23, 30
37, 44, 50
54,59
Power Supply: +3.3V DC.
VSS
P
5, 11
17, 25, 34
42, 49, 53
64
Power Supply: +0V DC or Ground Power.
Tab - 6 Miscellaneous pins group
MII/RMII interface Cross Reference Table
MII
RMII
RXD[0]
RXD[0]
RXD[1]
RXD[1]
RXD[2]
RXD[3]
CRS
CRS_DV
RX_DV
RX_CLK
RX_ER
TX_EN
TX_EN
TX_CLK
REF_CLK (50MHz)
TXD[0]
TXD[0]
TXD[1]
TXD[1]
TXD[2]
TXD[3]
COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com