Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88170L Datasheet HTML 1Page - ASIX Electronics Corporation AX88170L Datasheet HTML 2Page - ASIX Electronics Corporation AX88170L Datasheet HTML 3Page - ASIX Electronics Corporation AX88170L Datasheet HTML 4Page - ASIX Electronics Corporation AX88170L Datasheet HTML 5Page - ASIX Electronics Corporation AX88170L Datasheet HTML 6Page - ASIX Electronics Corporation AX88170L Datasheet HTML 7Page - ASIX Electronics Corporation AX88170L Datasheet HTML 8Page - ASIX Electronics Corporation AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ASIX ELECTRONICS CORPORATION
4
CONFIDENTIAL
AX88170
PRELIMINARY
1.0 Introduction
1.1 General Description:
The AX88170 USB toFast Ethernet Controller is a high performance and highly integrated USB busEthernet Controller with
embedded 5K*16 bit SRAM. The AX88170 contains a full speed USB interface to host CPU and compliant with USB
Communication Class Spec. 1.0. The AX88170 implements both 10Mbps and 100Mbps Ethernet function based on
IEEE802.3 / IEEE802.3u LAN standard. The AX88170 supports media-independent interface (MII) or RMII (Reduce MII)
interface to simplify the design on implementing Fast Ethernet and HomePNA functions. The chip also provides an optional
MII/RMII interface with PHY mode, combines with Ethernet repeater or switch IC can build a multiple ports USB-to-USB
bridge application.
AX88170 uses 64-pin LQFP low profile package, 48MHz operation for USB and 25MHz operation for Ethernet, CMOS
process with pure 3.3V operation and 5 Volt I/O tolerance.
1.2 AX88170 Block Diagram:
Fig – 1 AX88170 Block Diagram
MAC
Core
Memory Arbiter
USB to
Ethernet
Bridge
USB Core and Interface
STA
SEEPROM
Loader I/F
D-/D+
MII I/F
Or
RMII I/F
SMDC
SMDIO
EECS
EECK
EEDI
EEDO
5K* 16
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com