Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 20Page - ASIX Electronics Corporation AX88170L Datasheet HTML 21Page - ASIX Electronics Corporation AX88170L Datasheet HTML 22Page - ASIX Electronics Corporation AX88170L Datasheet HTML 23Page - ASIX Electronics Corporation AX88170L Datasheet HTML 24Page - ASIX Electronics Corporation AX88170L Datasheet HTML 25Page - ASIX Electronics Corporation AX88170L Datasheet HTML 26Page - ASIX Electronics Corporation AX88170L Datasheet HTML 27Page - ASIX Electronics Corporation AX88170L Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
ASIX ELECTRONICS CORPORATION
24
CONFIDENTIAL
AX88170
PRELIMINARY
6.4.8 SERIAL EEPROM TIMING
EECK
EEDI
(output)
EECS
EEDO
(input)
Symbol
Description
Min
Typ.
Max
Units
Tclk
EECK Clock Cycle Time
5120
ns
Tch
EECK Clock High Time
2500
9
ns
Tcl
EECK Clock Low Time
2500
9
ns
Tdv
EEDI Data Valid Output to EECK High Time
500
ns
Tod
EECK High to EEDI Data Output Delay Time
500
ns
Tscs
EECS Valid to EECK High Time
300
ns
Thcs
EECK Low to EECS Invalid Time
0
ns
Tlcs
Minimum EECS Low Time
2500
ns
Ts
Data Input Setup Time
10
ns
Th
Data Input Hold Time
100
ns
Tch
Tclk
Tcl
VALID
VALID
Tdv
Tod
Tsc
s
Thcs
Tlcs
Th
DATA VA LID
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com