Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 10Page - ASIX Electronics Corporation AX88170L Datasheet HTML 11Page - ASIX Electronics Corporation AX88170L Datasheet HTML 12Page - ASIX Electronics Corporation AX88170L Datasheet HTML 13Page - ASIX Electronics Corporation AX88170L Datasheet HTML 14Page - ASIX Electronics Corporation AX88170L Datasheet HTML 15Page - ASIX Electronics Corporation AX88170L Datasheet HTML 16Page - ASIX Electronics Corporation AX88170L Datasheet HTML 17Page - ASIX Electronics Corporation AX88170L Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ASIX ELECTRONICS CORPORATION
14
CONFIDENTIAL
AX88170
PRELIMINARY
4.3 USB Vendor Commands
SETUP COMMAND
DATA IN/OUT
DESCRIPTION
C0 02 XX YY 00 0M 02 00
Data 2 bytes
Read Rx/Tx SRAM
M = 0 : Rx, M=1 : Tx
40 03 XX YY PP QQ 00 00
No Data
Write Rx SRAM
40 04 XX YY PP QQ 00 00
No Data
Write Tx SRAM
40 06 00 00 00 00 00 00
No Data
Disable H/W MII Operation
C0 07 PI 00 RG 00 02 00
Data 2 Bytes
Read MII Register
40 08 PI 00 RG 00 02 00
Data 2 Bytes
Write MII Register
C0 09 00 00 00 00 01 00
Data 1 Bytes
Read MII Operation Mode
40 0A 00 00 00 00 00 00
No Data
Enable H/W MII Operation
C0 0B DR 00 00 00 02 00
Data 2 Bytes
Read SROM
40 0C DR 00 MM SS 00 00
No Data
Write SROM
40 0D 00 00 00 00 00 00
No Data
Write SROM Enable
40 0E 00 00 00 00 00 00
No Data
Write SROM Disable
C0 0F 00 00 00 00 02 00
Data 2 Bytes
Read Rx Control Register
40 10 RR 00 00 00 00 00
No Data
Write Rx Control Register
C0 11 00 00 00 00 03 00
Data 3 Bytes
Read IPG/IPG1/IPG2 Register
40 12 II 00 00 00 00 00
No Data
Write IPG Register
40 13 II 00 00 00 00 00
No Data
Write IPG1 Register
40 14 II 00 00 00 00 00
No Data
Write IPG2 Register
C0 15 00 00 00 00 08 00
Data 8 Bytes
Read Multi-Filter Array
40 16 00 00 00 00 08 00
Data 8 Bytes
Write Multi-Filter Array
C0 17 00 00 00 00 06 00
Data 6 Bytes
Read Node ID
C0 19 00 00 00 00 02 00
Data 2 Bytes
Read Ethernet/HomePNA PhyID
C0 1A 00 00 00 00 01 00
Data 1 Byte
Read Medium Status(*)
40 1B MM 00 00 00 00 00
No Data
Write Medium Mode(*)
C0 1C 00 00 00 00 01 00
Data 1 Byte
Get Monitor Mode Status(**)
40 1D MM 00 00 00 00 00
No Data
Set Monitor Mode On/Off(**)
Notes:
* Read / Write Medium status
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Read
GPI1
X
GPI0
X
Home_Link 100MHz
Full_Duplex Link
Write
GPO1
GPO1EN
GPO0
GPO0EN
FRBI
100MHz
Full_Duplex Link
** Read / Write Monitor Mode
Bit7-5
Bit4
Bit3
Bit2
Bit1
Bit0
Read
Reserved
(Hardware_Version
for ASIX only)
Flow_Contron_En X
Magic_Packet_En Link_UP_Wake Monitor_Mode
Write
X
Flow_Contron_En X
Magic_Packet_En Link_UP_Wake Monitor_Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com