Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 25Page - ASIX Electronics Corporation AX88170L Datasheet HTML 26Page - ASIX Electronics Corporation AX88170L Datasheet HTML 27Page - ASIX Electronics Corporation AX88170L Datasheet HTML 28Page - ASIX Electronics Corporation AX88170L Datasheet HTML 29Page - ASIX Electronics Corporation AX88170L Datasheet HTML 30Page - ASIX Electronics Corporation AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
29
Demonstration Circuit A: AX88170 + Ethernet PHY
TXD1
R6
18
L2
FUSE
ACT/LINK#
COL
EEDI
L4
F.B.
VDD3
RST#
D-
VDD3
C1
8p
C13
0.1u
R1
20K
Y2
25M
J1
USB-CON
1
2
3
4
GND
VDD5
D+
D-
C6
20P
*1 USB Port Link/Act LED
25MHZ
RXD2
EEDI
EECS
TXD0
AX88710 L
Application for
10BASE-T/100BASE-TX
CRS
R5
1.5K
C14
0.47u
TXEN
RXDV
RXD0
C5
22p
U1
AX88170 L
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
D+
D-
VDD
/RST
VSS
SPD_UP
S_EXT
/S_FDPX
/S_MAC
VDD
VSS
MDC
COL
MDIO
CRS
TX_CLK
VSS
TXD0
TXD1
TXD2
TXD3
TX_EN
VDD
RX_CLK
VSS
RXD0
RXD1
RXD2
RXD3
VDD
RX_ER
RX_DV
25M_CLKO
VSS
25M_XIN
25M_XOUT
VDD
GPIO0
/PHY_RST
GPIO1
/HOMELINK
VSS
/S_RMII
VDD
EECS
EECK
EEDI
EEDO
VSS
VDD
48M_XOUT
48M_XIN
VSS
VDD
TEST0
TEST1
TEST2
/EP78DIS TEST3
VDD
TEST_OUT
TEST4
LEERDY
ACT/LINK
VSS
C11
0.1u
TXEN
VDD3
R8
4.7K
PRST#
RXCLK
C9
0.1u
*2 RC reset (option)
TXD3
GND
RXD3
C4
20P
RXCLK
MDC
U3
93C56R
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
R3
0
MDIO
RXER
C17
0.1u
+
C15
10u/16V
25MHZ
25M_XOUT
U4
AMS1117 - 3.3
3
2
1
VIN
VOUT
ADJ/GND
RST#
RXD0
GND
C12
0.1u
R4
330
TXD1
EEDO
D1
LED
VDD3
VDD3
25M_XIN
VDD3
D+
C3
20P
C7
20P
EECK
PRST#
48M_XOUT
25M_XOUT
TXD2
RXD1
GND
VDD3
C19
1000P
48M_XIN
170AP1A.SCH
2.0
AX88170
ASIX ELECTRONIC CORPORATION
B
1
2
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
R2
1M
L1
2.2uH
RXDV
RXD2
Y1
48M
VDD3
R9
10K
TXD0
VDD3
MDIO
48M_XOUT
VDD3
D2
1N4148
EEDO
EECS
+
C16
10u/16V
TXD2
TXD3
R7
18
L3
F.B.
MDC
RXD1
EECK
TXCLK
C18
0.01u
VDD3
VDD3
VDD3
C2
8p
C10
0.1u
C8
0.01u
48M_XIN
COL
RXER
25M_XIN
RST#
CRS
RXD3
5V
U2
V6300C
1
2
3
VCC
RESET#
GND
TXCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com