Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 4Page - ASIX Electronics Corporation AX88170L Datasheet HTML 5Page - ASIX Electronics Corporation AX88170L Datasheet HTML 6Page - ASIX Electronics Corporation AX88170L Datasheet HTML 7Page - ASIX Electronics Corporation AX88170L Datasheet HTML 8Page - ASIX Electronics Corporation AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation AX88170L Datasheet HTML 10Page - ASIX Electronics Corporation AX88170L Datasheet HTML 11Page - ASIX Electronics Corporation AX88170L Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ASIX ELECTRONICS CORPORATION
8
CONFIDENTIAL
AX88170
PRELIMINARY
SIGNAL
TYPE
PIN NO.
DESCRIPTION
nibbles on TXD [3:0] for transmission.
TXD[3:0]
O
21, 20
19, 18
Transmit Data: TXD[3:0] is transition synchronously with respect to the
rising edge of TX_CLK. For each TX_CLK period in which TX_EN is
asserted ,TXD[3:0] are accepted for transmission by the PHY.
TX_CLK
I
16
Transmit Clock: TX_CLK is a continuous clock from PHY. It provides the
timing reference for the transfer of the TX_EN and TXD[3:0] signals from
the MII port to the PHY.
MDC
O
12
Station Management Data Clock: The timing reference for MDIO. All data
transfers on MDIO are synchronized to the rising edge of this clock. MDC
is a 2.5MHz frequency clock output.
MDIO
I/O/PU
14
Station Management Data Input/Output: Serial data input/output transfers
from/to the PHYs. The transfer protocol conforms to the IEEE 802.3u MII
specification.
Tab – 3 MII interface signals group (MAC mode)
2.3b MII interface signals group (PHY mode)
When /S_RMII=1 and /S_MAC=1
SIGNAL
TYPE
PIN NO.
DESCRIPTION
RXD[3:0]
O
29, 28
27, 26
Receive Data: Basically RXD[3:0] is transformed from TXD[3:0] of MAC
mode of MII interface.
CRS
O
15
Carrier Sense: Basically CRS is transformed from TX_EN of MAC mode of
MII interface.
RX_DV
O
32
Receive Data Valid: Basically RX_DV is transformed from TX_EN of MAC
mode of MII interface.
RX_ER
O
31
Receive Error: No used
RX_CLK
O
24
Receive Clock: Basically RX_CLK is sourced from internal 25MHz local
clock.
COL
O
13
Collision: this signal is generated by internal logic when collision is
detected.
TX_EN
I/PD
22
Transmit Enable: Basically TX_EN is simulation from RX_DV of MAC
mode of MII interface.
TXD[3:0]
I/PU
21, 20
19, 18
Transmit Data: Basically TXD[3:0] is simulation from RXD[3:0] of MAC
mode of MII interface.
TX_CLK
O
16
Transmit Clock: Basically TX_CLK is sourced from internal 25MHz local
clock.
Tab – 4 MII interface signals group (PHY mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com