Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 3Page - ASIX Electronics Corporation AX88170L Datasheet HTML 4Page - ASIX Electronics Corporation AX88170L Datasheet HTML 5Page - ASIX Electronics Corporation AX88170L Datasheet HTML 6Page - ASIX Electronics Corporation AX88170L Datasheet HTML 7Page - ASIX Electronics Corporation AX88170L Datasheet HTML 8Page - ASIX Electronics Corporation AX88170L Datasheet HTML 9Page - ASIX Electronics Corporation AX88170L Datasheet HTML 10Page - ASIX Electronics Corporation AX88170L Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ASIX ELECTRONICS CORPORATION
7
CONFIDENTIAL
AX88170
PRELIMINARY
2.0 Signal Description
The following terms describe the AX88170 pin-out:
All pin names with the “/” suffix are asserted low.
The following abbreviations are used in following Tables.
I
Input
PU
Pull Up
O
Output
PD
Pull Down
I/O
Input/Output
P
Power Pin
OD
Open Drain
2.1 USB Bus Interface Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
D+
I/O
1
USB Data Plus Pin
D-
I/O
2
USB Data Minus Pin
Tab – 1 USB bus interface signals group
2.2 EEPROM Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
EECS
O
45
EEPROM Chip Select : EEPROM chip select signal.
EECK
O
46
EEPROM Clock : Signal connected to EEPROM clock pin.
EEDI
O
47
EEPROM Data In : Signal connected to EEPROM data input pin.
EEDO
I/PU
48
EEPROM Data Out : Signal connected to EEPROM data output pin.
Tab – 2 EEPROM bus interface signals group
2.3a MII interface signals group (MAC mode)
When /S_RMII=1 and /S_MAC=0
SIGNAL
TYPE
PIN NO.
DESCRIPTION
RXD[3:0]
I/PU
29, 28
27, 26
Receive Data: RXD[3:0] is driven by the PHY synchronously with respect
to RX_CLK.
CRS
I/PD
15
Carrier Sense: Asynchronous signal CRS is asserted by the PHY when
either the transmit or receive medium is non-idle.
RX_DV
I/PD
32
Receive Data Valid: RX_DV is driven by the PHY synchronously with
respect to RX_CLK. Asserted high when valid data is present on RXD
[3:0].
RX_ER
I/PD
31
Receive Error: RX_ER is driven by PHY and synchronous to RX_CLK, is
asserted for one or more RX_CLK periods to indicate to the port that an
error has detected.
RX_CLK
I/PU
24
Receive Clock: RX_CLK is a continuous clock that provides the timing
reference for the transfer of the RX_DV,RXD[3:0] and RX_ER signals from
the PHY to the MII port of the MAC.
COL
I/PD
13
Collision: this signal is driven by PHY when collision is detected.
TX_EN
O
22
Transmit Enable: TX_EN is transition synchronously with respect to the
rising edge of TX_CLK. TX_EN indicates that the port is presenting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com