Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 37 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation AX88170L Datasheet HTML 35Page - ASIX Electronics Corporation AX88170L Datasheet HTML 36Page - ASIX Electronics Corporation AX88170L Datasheet HTML 37Page - ASIX Electronics Corporation AX88170L Datasheet HTML 38Page - ASIX Electronics Corporation AX88170L Datasheet HTML 39Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
37
RXDV3
RXD0
TXD0
VDD3
R46
4.7K
VDD3
TXD1
RXD33
TXD2
R49
10K
EECS
CRS3
C52
0.1u
L10
F.B.
R41
1K
TXD33
EECS
EECK
C55
8p
EEDO
TXD32
RXDV
25M_USB3
D4
LED
RST_USB#
TXD31
R44
18
VDD3
RST#
RXD30
TXEN
48M_XOUT
C57
22pF
C50
0.1u
R48
10K
D-
RXD31
RXD1
VDD3
R43
1.5K
U13
AX88170 L
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
D+
D-
VDD
/RST
VSS
SPD_UP
S_EXT
/S_FDPX
/S_MAC
VDD
VSS
MDC
COL
MDIO
CRS
TX_CLK
VSS
TXD0
TXD1
TXD2
TXD3
TX_EN
VDD
RX_CLK
VSS
RXD0
RXD1
RXD2
RXD3
VDD
RX_ER
RX_DV
25M_CLKO
VSS
25M_XIN
25M_XOUT
VDD
GPIO0
/PHY_RST
GPIO1
/HOMELINK
VSS
/S_RMII
VDD
EECS
EECK
EEDI
EEDO
VSS
VDD
48M_XOUT
48M_XIN
VSS
VDD
TEST0
TEST1
TEST2
/EP78DIS TEST3
VDD
TEST_OUT
TEST4
LEERDY
ACT/LINK
VSS
VDD3
Y4
48M
C48
20P
C51
0.1u
RXD3
C49
0.01u
CRS
C47
20P
R45
18
VDD3
C56
8p
VDD3
D+
TXD3
RXD32
*6 USB Port Link/Act LED
TXD30
ALDONE
L11
2.2uH
GND
VDD3
VDD3
RXD2
VDD3
RXCLK
R42
330
48M_XIN
ACT/LINK#
48M_XIN
170AP5A4.SCH
2.0
AX88170 CIRCUIT 4
ASIX ELECTRONIC CORPORATION
B
5
7
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
J4
USB-CON
1
2
3
4
GND
VDD5
D+
D-
RXCLK3
VDD3
R47
20k
48M_XOUT
EEDO
C53
0.1u
EEDI
Q4
2SC2412K
EEDI
R50
0
VDD3
EECK
GND
TXEN3
U14
93C56R
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
C54
0.1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com