Electronic Components Datasheet Search
  English  ▼

X  

AX88170L Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 22Page - ASIX Electronics Corporation AX88170L Datasheet HTML 23Page - ASIX Electronics Corporation AX88170L Datasheet HTML 24Page - ASIX Electronics Corporation AX88170L Datasheet HTML 25Page - ASIX Electronics Corporation AX88170L Datasheet HTML 26Page - ASIX Electronics Corporation AX88170L Datasheet HTML 27Page - ASIX Electronics Corporation AX88170L Datasheet HTML 28Page - ASIX Electronics Corporation AX88170L Datasheet HTML 29Page - ASIX Electronics Corporation AX88170L Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ASIX ELECTRONICS CORPORATION
26
CONFIDENTIAL
AX88170
PRELIMINARY
MILIMETER
SYMBOL
MIN.
NOM
MAX
A1
0.05
0.1
0.15
A2
1.35
1.40
1.45
A
1.60
b
0.17
0.22
0.27
D
10.00
E
10.00
e
0.5
Hd
12.00
He
12.00
L
0.45
0.60
0.75
L1
1.00
θ
0°
3.5°
7°
Appendix A: System Applications
Some typical applications for AX88170 are illustrated bellow.
A.1 USB to Fast Ethernet Converter
AX88170
10/100 PHY/TxRx
MAGNETIC
RJ45
USB I/F
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com