Electronic Components Datasheet Search
  English  ▼

X  

33186 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33186 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33186
PIN CONNECTIONS
4, 5, 16
VBAT
The Pins 4 and 5 are internally connected. These Pins supply the left high side and the analog/logic
part of the device.
The Pin 16 supplies the right high side and the charge pump.
The Pins 4, 5 and 16 should be connected together on the printed circuit board with connections as
short as possible.
Supervision and protection functions
a) Supply voltage supervision
The supply voltage is supervised. If it is below its specific threshold, the power stages are switched
in tristate and the status flag is switched low.
If the supply voltage is over the specific threshold again, the power stage switches independently
into normal operation, according to the input Pins and the status flag is reset.
b) Thermal supervision
In case of overtemperature, the power stages are switched in tristate independent of the inputs
signals and the status flag is switched low.
If the level changes from high to low on DI1 (IN1) or low to high on DI2 (IN2), the output stage
switches on again if the temperature is below the specified limit.The status-flag is reset to high level
(Pin names in brackets refer to coding Pin = VCC).
c) Supervision of overcurrent on high sides and low sides
In case of over-current detection, the power stages are switched in tristate independent of the inputs
signals and the status flag is set.
If the level changes from high to low on DI1 (IN1) or low to high on DI2 (IN2) the output stage
switches on again and the status flag is reset to high level (Pin names in brackets refer to coding Pin
= VCC).
The output stage switches into the mode defined by the inputs Pins provided, and/if the temperature
is below the specified limits.
d) Current limiting on low sides
The maximum current which can flow under normal operating conditions is limited to Imax = 6,5 A
+/- 20%. When the maximum current value is reached, the output stages are switched tristate for a
fixed time. According to the time constant the current decreases until the next switch on occurs. See
page 8 for schematics.
17
CP
Charge Pump output Pin
A filtering capacitor (up to 33 nF) can be connected between Pin 17 and Gnd. Device can operate
without external capacitor, although Pin 17 decoupling capacitor help in noise reduction and allows
the device to perform a maximum speed, timing and PWM frequency.
Table 1. 33186 Pin Description(continued)
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com