Electronic Components Datasheet Search
  English  ▼

X  

33186 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33186
ELECTRICAL CHARACTERISTICS
Figure 9. Stand-by Current vs. Temperature
Figure 10. VBAT Undervoltage vs. Temperature
Figure 11. Low Threshold Input Voltage vs. Temperature
Figure 12. High Threshold Input Voltage vs.
Temperature
Figure 13. Vcp vs. Battery Voltage
Figure 14. RDSON vs. Temperature
10,5
11
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
11,5
12
12,5
13,5
10
9,5
9
VBAT=12V
13
4,60
4,70
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
4,80
4,90
5,00
4,50
4,40
4,30
4,20
Switch off Voltage
Switch on Voltage
1,83
1,84
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
1,85
1,86
1,87
1,88
1,82
1,81
1,89
T, TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
2,77
2,78
2,79
2,80
2,81
2,82
2,76
2,75
2,83
BATTERY VOLTAGE (V)
0
10
15
30
520
25
35
15
20
25
30
35
45
10
5
0
40
Tambient=25°C
without Ccp
T, TEMPERATURE (
°C)
150
160
-50
0
25
100
-25
50
75
125
170
180
190
140
130
120
200
VBAT=5V without Ccp
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com