Electronic Components Datasheet Search
  English  ▼

X  

33186 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33186
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Introduction
This thermal addendum is provided as a supplement to the MC33186 technical
datasheet. The addendum provides thermal performance information that may be
critical in the design and development of system applications. All electrical,
application, and packaging information is provided in the datasheet.
Package and Thermal Considerations
The MC33186 is offered in a 20 pin HSOP exposed pad, single die package.
There is a single heat source (P), a single junction temperature (TJ), and thermal
resistance (RθJA).
The stated values are solely for a thermal performance comparison of one
package to another in a standardized environment. This methodology is not
meant to and will not predict the performance of a package in an application-
specific environment. Stated values were obtained by measurement and
simulation according to the standards listed below.
20-PIN
HSOP-EP
33186DW
33186VW
DH SUFFIX
VW SUFFIX (Pb-FREE)
98ASH70273A
20-PIN HSOP-EP
Note For package dimensions, refer to
the 33186 data sheet.
TJ
=
RθJA
.
P
Standards
Notes:
1.
Per JEDEC JESD51-2 at natural convection, still air condition.
2.
2s2p thermal test board per JEDEC JESD51-5 and
JESD51-7.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the center lead.
4.
Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.
Thermal resistance between the die junction and the exposed
pad surface; cold plate attached to the package bottom side,
remaining surfaces insulated.
Figure 28. Thermal Land Pattern for Direct Thermal
Attachment According to JESD51-5
Table 5. Thermal Performance Comparison
Thermal Resistance
[
°C/W]
RθJA
(1), (2)
29
RθJB
(2), (3)
9.0
RθJA
(1), (4)
69
RθJC
(5)
2.0
1.0
1.0
0.2
0.2
* All measurements
are in millimeters
Soldermast
openings
Thermal vias
connected to top
buried plane
20 Pin HSOP-EP
1.6 mm Pitch
16.0 mm x 11.0 mm Body
12.3 mm x 7.1 mm Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com