Electronic Components Datasheet Search
  English  ▼

X  

33186 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33186
ELECTRICAL CHARACTERISTICS
Figure 8. Current Limitation on Low Side
> 8A
Overturned
A
Load-
current
TYP 6.5A
Control
signal
Status
Flag
6.5A
Overcurrent detection
tA
tB
Detail A
tA = switch-off time in current limitation
tB = current limitation blanking time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com