Electronic Components Datasheet Search
  English  ▼

X  

33186 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33186
PACKAGING
PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
Important: For the most current revision of the package, visit www.freescale.com and perform a keyword search on the 98A
number listed below.
CASE 979C–02
ISSUE A
DATE 07/22/98
SEATING
PLANE
DATUM
PLANE
BOTTOM VIEW
A
X 45
E1
E
D
h
B
M
bbb
C
20
11
10
1
E2
_
NOTES:
1. CONTROLLING DIMENSION: MILLIMETER.
2. DIMENSIONS AND TOLERANCES PER ASME
Y14.5M, 1994.
3. DATUM PLANE –H– IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.150 PER SIDE. DIMENSIONS D AND E1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –H–.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE b DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. DATUMS –A– AND –B– TO BE DETERMINED AT
DATUM PLANE –H–.
7. DIMENSION D DOES NOT INCLUDE TIEBAR
PROTRUSIONS. ALLOWABLE TIEBAR
PROTRUSIONS ARE 0.150 PER SIDE.
D1
E3
A2
SECTION W–W
b
c1
b1
c
E4
A
M
aaa
C
EXPOSED
HEATSINK AREA
A
B
C
H
PIN ONE ID
10X
Y
GAUGE
PLANE
DETAIL Y
(1.600)
L
W
W
q
bbb C
L1
DIM
MIN
MAX
MILLIMETERS
A
3.000
3.400
A1
0.100
0.300
A2
2.900
3.100
A3
0.00
0.100
D
15.800
16.000
D1
11.700
12.600
D2
0.900
1.100
E
13.950
14.450
E1
10.900
11.100
E2
2.500
2.700
E3
6.400
7.200
E4
2.700
2.900
L
0.840
1.100
L1
0.350 BSC
b
0.400
0.520
b1
0.400
0.482
c
0.230
0.320
c1
0.230
0.280
e
1.270 BSC
h
–––
1.100
q
0
8
aaa
0.200
bbb
0.100
__
DH1 SUFFIX
VW1 SUFFIX (PB-FREE)
20-PIN HSOP
PLASTIC PACKAGE
98ASH70702A
ISSUE A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com