Electronic Components Datasheet Search
  English  ▼

X  

33186 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33186
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
High Side Overcurrent Detection(4)
Low Side Overcurrent Detection
IOCHS
IOCLS
11
8.0
–
–
–
–
A
Leakage Current
Output Stage Switched off
–
–
100
µA
Free-Wheeling Diode Forward Voltage
IOU = 3.0 A
UD
––
2.0
V
Free-Wheeling Diode Reverse
Recovery Time
IFM =1.0 A, di/dt = 4.0 A/µs
tRR
–2.0
5.0
µs
Switch-off Temperature
Hysteresis
160
20
–
–
190
30
°C
°C
OUTPUT STATUS FLAG (OPEN DRAIN OUTPUT)
Output High (SF not set)
USF = 5.0 V
ISF
–
–10
µA
Output Low (SF set)
ISF = 300 µA
VSF
–
–
1.0
V
TIMING
PWM frequency
CCP = 33 nF
f–
–
10
KHz
Maximum Switching Frequency During
Current Limitation
VBAT = 6....28 V.....CCP = 33 nF
f–
–
20
KHz
Output ON Delay
IN1.....>OUT1 or IN2.....>OUT2
tDON
––
15
µs
Output OFF Delay
IN1.....>OUT1 or IN2.....>OUT2
tDOFF
––
15
µs
Output Switching Time
CCP = 0 to 33 nF
OUTiH.....OUTiL, OUTiL.....OUTiH,
IOUT = 3.0 A
tr, tf
2.0
–
5.0
µs
Disable Delay Time
DIi.....OUTi
tDDIS
––
8.0
µs
Turn off in Case of Overcurrent or
Overtemperature
–4.0
8.0
µs
Power On Delay Time (CCP = 33 nF)(5)
–1.0
5.0
ms
Notes
4.
In case of overcurrent, the time when the current is greater than 7.8 A is lower than 30
µs, with a maximum frequency of 1 kHz.
5.
This parameter corresponds to the time for CCP to reach its nominal value when VBAT is applied.
Table 3. STATIC ELECTRICAL CHARACTERISTICS(continued)
Characteristic noted under conditions -40
°C to +125 °C, VBAT from 5 V to 28 V, unless otherwise note. Typical values reflect
approximate mean at 25
°C, nominal VCC, at time of device characterization.
Characteristics
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com