Electronic Components Datasheet Search
  English  ▼

X  

33186 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33186
ELECTRICAL CHARACTERISTICS
Figure 21. Output OFF Delay
Figure 22. Output ON Delay
Figure 23. Disable Delay Time
Figure 24. High Side Overcurrent High Side Detection
Figure 25. Maximum Di2 Input Current vs. Iout2, current
Out1 (2V/div)
in1 (1V/div)
tdoff=12.5µs
Out1 (2V/div)
in1 (1V/div)
tdon=5.8µs
di2 (1V/div)
Out1 (2V/div)
tdiss=0.9µs
I(5A/div)
Iochs= 16A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
0
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15 16
17 18
19 20
I OUT2 (A)
Note: Current through internal recirculation diode, @125°C in case of
negative voltage at OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com