Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD178024
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD178024 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD178024 Datasheet HTML 1Page - Renesas Technology Corp UPD178024 Datasheet HTML 2Page - Renesas Technology Corp UPD178024 Datasheet HTML 3Page - Renesas Technology Corp UPD178024 Datasheet HTML 4Page - Renesas Technology Corp UPD178024 Datasheet HTML 5Page - Renesas Technology Corp UPD178024 Datasheet HTML 6Page - Renesas Technology Corp UPD178024 Datasheet HTML 7Page - Renesas Technology Corp UPD178024 Datasheet HTML 8Page - Renesas Technology Corp UPD178024 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
©
1999
DATA SHEET
DESCRIPTION
The
µPD178023, 178024 are 8-bit single-chip CMOS microcontrollers containing hardware for digital tuning
systems.
These microcontrollers employ a 78K/0 series architecture CPU and allow easy access to internal memories at
high speed and easy control of peripheral hardware units. The high-speed 78K/0 series instructions are ideal for
system control.
As peripheral hardware, a prescaler, PLL frequency synthesizer, and frequency counter for digital tuning systems
are provided, as well as many I/O ports, timers, A/D converter, serial interface, and a power-ON clear circuit.
In addition, three serial interfaces, I2C bus (IIC0), three-wire (SIO3), and UART are provided.
Moreover, a flash memory model, the
µPD178F124, that operates in the same supply voltage range as the mask
ROM models, and various development tools are also available.
For the detailed functional description, refer to the following User’s Manuals:
µPD178024 Subseries User’s Manual
: U13915E
78K/0 Series User’s Manual - Instruction : U12326E
FEATURES
• High-capacity ROM and RAM
Item
Program Memory (ROM)
Data Memory
Part Number
Internal high-speed RAM
µPD178023
24K bytes
1024 bytes
µPD178024
32K bytes
MOS INTEGRATED CIRCUIT
µPD178023,178024
Document No. U14126EJ2V0DS00 (2nd edition)
Date Published September 2000 N CP(K)
Printed in Japan
8-BIT SINGLE-CHIP MICROCONTROLLER
• Instruction cycle:
0.45/0.89/1.78/3.56/7.11
µs (with crystal resonator of
fX = 4.5 MHz)
• Many internal hardware units
General-purpose I/O ports, A/D converter, serial
interface (I2C bus and UART mode), timers, frequency
counter, power-ON clear circuit
• Hardware for PLL frequency synthesizer
Dual modulus prescaler, programmable divider,
phase comparator, charge pump
• Vectored interrupt sources: 17
• Supply voltage
:VDD = 4.5 to 5.5 V (during PLL and CPU
operations)
:VDD = 3.5 to 5.5 V (during CPU operation)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.
The mark
shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com