Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # UPD178024
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD178024 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button UPD178024 Datasheet HTML 42Page - Renesas Technology Corp UPD178024 Datasheet HTML 43Page - Renesas Technology Corp UPD178024 Datasheet HTML 44Page - Renesas Technology Corp UPD178024 Datasheet HTML 45Page - Renesas Technology Corp UPD178024 Datasheet HTML 46Page - Renesas Technology Corp UPD178024 Datasheet HTML 47Page - Renesas Technology Corp UPD178024 Datasheet HTML 48Page - Renesas Technology Corp UPD178024 Datasheet HTML 49Page - Renesas Technology Corp UPD178024 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
44
µPD178023, 178024
Data Sheet U14126EJ2V0DS00
9. PACKAGE DRAWING
80-PIN PLASTIC QFP (14x20)
NOTE
Each lead centerline is located within 0.15 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
A
B
D
G
23.6
±0.4
20.0
±0.2
0.8 (T.P.)
0.8
J
17.6
±0.4
K
P80GF-80-3B9-5
C
14.0
±0.2
I
0.15
1.8
±0.2
L
0.8
±0.2
F
1.0
N
P
Q
0.10
2.7
±0.1
0.1
±0.1
R
S
5
°±5°
3.0 MAX.
H
0.37+0.08
−0.07
M
0.17+0.08
−0.07
64
65
40
80
1
25
24
41
S
S
N
J
detail of lead end
C D
A
B
R
K
M
L
P
I
S
Q
G
F
M
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com