Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPD178024
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD178024 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPD178024 Datasheet HTML 20Page - Renesas Technology Corp UPD178024 Datasheet HTML 21Page - Renesas Technology Corp UPD178024 Datasheet HTML 22Page - Renesas Technology Corp UPD178024 Datasheet HTML 23Page - Renesas Technology Corp UPD178024 Datasheet HTML 24Page - Renesas Technology Corp UPD178024 Datasheet HTML 25Page - Renesas Technology Corp UPD178024 Datasheet HTML 26Page - Renesas Technology Corp UPD178024 Datasheet HTML 27Page - Renesas Technology Corp UPD178024 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
22
µPD178023, 178024
Data Sheet U14126EJ2V0DS00
Figure 3-5. Block Diagram of Watchdog Timer
OSTS2 OSTS1 OSTS0
WDCS2 WDCS1 WDCS0
RUN
WDTM4 WDTM3
Clock input
control circuit
Divided clock
select circuit
RUN
Divider circuit
fX/28
INTWDT
RESET
WDT mode signal
3
Watchdog timer clock
select register (WDCS)
Oscillation stabilization
time select register (OSTS)
Watchdog timer mode
register (WDTM)
Output
control
circuit
Division mode
select circuit
Internal bus
Internal bus
BEEP
CL02
BEEP
CL01
BEEP
CL00
BEEP0 clock select
register (BEEPCL0)
BEEP0/P36
1 kHz
1.5 kHz
3 kHz
4 kHz
Output latch
(P36)
PM36
Selector
3.4 Buzzer Output Control Circuit
The buzzer output frequency is selected as follows.
• BEEP0 ... 1 kHz/1.5 kHz/3 kHz/4 kHz
Figure 3-6. Block Diagram of Buzzer Output Control Circuit (BEEP0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com