Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UPD178024
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD178024 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UPD178024 Datasheet HTML 41Page - Renesas Technology Corp UPD178024 Datasheet HTML 42Page - Renesas Technology Corp UPD178024 Datasheet HTML 43Page - Renesas Technology Corp UPD178024 Datasheet HTML 44Page - Renesas Technology Corp UPD178024 Datasheet HTML 45Page - Renesas Technology Corp UPD178024 Datasheet HTML 46Page - Renesas Technology Corp UPD178024 Datasheet HTML 47Page - Renesas Technology Corp UPD178024 Datasheet HTML 48Page - Renesas Technology Corp UPD178024 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
43
µPD178023, 178024
Data Sheet U14126EJ2V0DS00
A/D Converter Characteristics (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
888
bit
Total conversion
VDD = 4.5 to 5.5
±1.0
%
errorNote
±1.4
%
Conversion time
tCONV
21.3
64.0
µs
Analog input voltage
VIAN
0VDD
V
Note
Excluding quantization error (
±1/2LSB)
PLL Characteristics (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating frequency
fIN1
VCOL pin, MF mode, sine wave input, VIN = 0.15 VP-P
0.5
3.0
MHz
fIN2
VCOL pin, HF mode, sine wave input, VIN = 0.15 VP-P
10
40
MHz
fIN3
VCOH pin, VHF mode, sine wave input, VIN = 0.15 VP-P
60
130
MHz
fIN4
VCOH pin, VHF mode, sine wave input, VIN = 0.3 VP-P
40
160
MHz
IFC Characteristics (TA = –40 to +85
°C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Operating frequency
fIN5
AMIFC pin, AMIF count mode, sine wave input,
0.4
0.5
MHz
VIN = 0.15 VP-P
fIN6
FMIFC pin, FMIF count mode, sine wave input,
10
11
MHz
VIN = 0.15 VP-P
fIN7
FMIFC pin, AMIF count mode, sine wave input,
0.4
0.5
MHz
VIN = 0.15 VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com