Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD178024
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD178024 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD178024 Datasheet HTML 2Page - Renesas Technology Corp UPD178024 Datasheet HTML 3Page - Renesas Technology Corp UPD178024 Datasheet HTML 4Page - Renesas Technology Corp UPD178024 Datasheet HTML 5Page - Renesas Technology Corp UPD178024 Datasheet HTML 6Page - Renesas Technology Corp UPD178024 Datasheet HTML 7Page - Renesas Technology Corp UPD178024 Datasheet HTML 8Page - Renesas Technology Corp UPD178024 Datasheet HTML 9Page - Renesas Technology Corp UPD178024 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
4
µPD178023, 178024
Data Sheet U14126EJ2V0DS00
FUNCTIONAL OUTLINE
(1/2)
Item
µPD178023
µPD178024
Internal
ROM
24 Kbytes
32 Kbytes
memory
(Mask ROM)
(Mask ROM)
High-speed RAM
1024 bytes
General-purpose register
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.45
µs/0.89 µs/1.78 µs/3.56 µs/7.11 µs (with crystal resonator of fX = 4.5 MHz)
Instruction set
• 16-bit operation
• Multiplication/division (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, Boolean operation)
• BCD adjustment, etc.
I/O port
Total
: 62 pins
• CMOS I/O
: 53 pins
• CMOS input
: 6 pins
• N-ch open-drain output : 3 pins
A/D converter
8-bit resolution
× 6 channels (VDD = 3.5 to 5.5 V)
Serial interface
• I2C bus modeNote : 1 channel
• 3-wire mode
: 1 channel
• UART mode
: 1 channel
Timer
• Basic timer (timer carry FF (10 Hz)) : 1 channel
• 8-bit timer/event counter
: 2 channels
• Watchdog timer
: 1 channel
Buzzer output
1 channel (1 kHz, 1.5 kHz, 3 kHz, 4 kHz)
Vectored
Maskable
Internal : 11
interrupt
External: 5
source
Non-maskable
Internal: 1
Software
1
PLL
Division mode
2 types
frequency
• Direct division mode (VCOL pin)
synthesizer
• Pulse swallow mode (VCOL and VCOH pins)
Reference frequency
Seven types selectable in software (1, 3, 9, 10, 12.5, 25, 50 kHz)
Charge pump
Error out output: 2 pins
Phase comparator
Unlock detectable in software
Note
When the I2C bus mode is used (including when the mode is implemented in software without using the
peripheral hardware), consult NEC when ordering a mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com