Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD178024
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD178024 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD178024 Datasheet HTML 3Page - Renesas Technology Corp UPD178024 Datasheet HTML 4Page - Renesas Technology Corp UPD178024 Datasheet HTML 5Page - Renesas Technology Corp UPD178024 Datasheet HTML 6Page - Renesas Technology Corp UPD178024 Datasheet HTML 7Page - Renesas Technology Corp UPD178024 Datasheet HTML 8Page - Renesas Technology Corp UPD178024 Datasheet HTML 9Page - Renesas Technology Corp UPD178024 Datasheet HTML 10Page - Renesas Technology Corp UPD178024 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
5
µPD178023, 178024
Data Sheet U14126EJ2V0DS00
(2/2)
Item
µPD178023
µPD178024
Frequency counter
Frequency measurement
• AMIFC pin: For 450-kHz counting
• FMIFC pin: For 450-kHz/10.7-MHz counting
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Reset by power-ON clear circuit
• Detection of less than 4.5 VNote (Reset does not occur, however.)
• Detection of less than 3.5 VNote (during CPU operation)
• Detection of less than 2.3 VNote (in STOP mode)
Supply voltage
• VDD = 4.5 to 5.5 V (during CPU, PLL operation)
•VDD = 3.5 to 5.5 V (during CPU operation)
Package
• 80-pin plastic QFP (14
× 20)
• 80-pin plastic QFP (14
× 14)
Note
These voltages are the maximum values. In practice, the chip may be reset at voltages lower than these.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com