Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5713 Datasheet HTML 1Page - Richtek Technology Corporation RT5713 Datasheet HTML 2Page - Richtek Technology Corporation RT5713 Datasheet HTML 3Page - Richtek Technology Corporation RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5713/14-03
March 2023
www.richtek.com
3
Functional Pin Description
Pin No.
Pin Name
Pin Function
WL-CSP-6B
1.415x0.885
(BSC)
WDFN-6L 2x2
A1
1
VIN
Power input. The input voltage range is from 2.2V to 5.5V. A
minimum of 4.7
F (RT5713) and 10F (RT5714) ceramic
capacitor should be connected to this pin with the shortest path.
A2
2
LX
This pin is the connection between two build-in switches in the
chip, which should be connected to the external inductor. The
inductor should be connected to this pin with the shortest path.
A3
3,
7 (Exposed
Pad)
GND
Device ground pin. This pin should be connected to input and
output capacitors with the shortest path. The exposed pad must
be soldered to a large PCB and connected to GND for
maximum power dissipation.
B1
6
EN
Chip enable input pin. High level voltage enables the device
while low level voltage turns the device off. This pin must be
terminated.
B2
5
VOUT
Output voltage feedback pin. This pin should be connected
close to the output capacitor terminal for better voltage
regulation. A minimum of use two 10
F/6.3V/X5R/0402 ceramic
capacitors should be connected to this pin with the shortest
path.
B3
4
VSEL
Output voltage selection pin. This pin must be terminated.
When VSEL pin tie to GND, VOUT level is follow Output-1.
When VSEL pin tie to VIN, VOUT level is follow Output-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com