Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation RT5713 Datasheet HTML 10Page - Richtek Technology Corporation RT5713 Datasheet HTML 11Page - Richtek Technology Corporation RT5713 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
UGATE RON
RON_UG
IOUT = 50mA
--
300
--
m
LGATE RON
RON_LG
IOUT = 50mA
--
170
--
m
Output Discharge Resistor
RDIS
EN = GND, IOUT = −10mA
--
10
--
VOUT Pin Input Leakage
IVOUT
VOUT = 1.8V, EN = VIN
--
100
--
nA
VOUT Minimum Off Time
tOFF_MIN
--
80
--
ns
Line Regulation
VOUT_LineReg
VOUT = 1.8V, IOUT = 100mA,
VIN = 2.2V to 5.5V
--
1
--
%
Load Regulation
VOUT_LoadReg
VOUT = 1.8V, including PFM
operation
--
2
--
%
Over-Temperature
Protection
TOTP
--
150
--
°C
Over-Temperature
Protection Hysteresis
TOTP_HYS
--
20
--
°C
Timing
Regulator Start Up Delay
Time
tSS_EN
IOUT = 0mA, EN = GND to VIN,
VOUT starts rising
--
0.1
--
ms
Regulator Soft-Start Time
tSS
VOUT = 1.8V, IOUT = 10mA,
EN = VIN
--
0.7
--
ms
Logic Input (EN and VSEL)
Input High Threshold
VIH
VIN = 2.2V to 5.5V
1.2
--
--
V
Input Low Threshold
VIL
VIN = 2.2V to 5.5V
--
--
0.4
V
Input Pin Bias Current
IIN
--
10
--
nA
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-thermal-
conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
JC is measured at the case top of
the package.
Note 3.
Devices are ESD sensitive. Handling precautions are recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com