Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 12Page - Richtek Technology Corporation RT5713 Datasheet HTML 13Page - Richtek Technology Corporation RT5713 Datasheet HTML 14Page - Richtek Technology Corporation RT5713 Datasheet HTML 15Page - Richtek Technology Corporation RT5713 Datasheet HTML 16Page - Richtek Technology Corporation RT5713 Datasheet HTML 17Page - Richtek Technology Corporation RT5713 Datasheet HTML 18Page - Richtek Technology Corporation RT5713 Datasheet HTML 19Page - Richtek Technology Corporation RT5713 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
16
Outline Dimension
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.400
0.500
0.016
0.020
A1
0.160
0.220
0.006
0.009
b
0.240
0.300
0.009
0.012
E
1.390
1.440
0.055
0.057
E1
0.800
0.031
D
0.860
0.910
0.034
0.036
D1
0.400
0.016
e
0.400
0.016
6B WL-CSP 1.415x0.885 Package (BSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com