Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 2Page - Richtek Technology Corporation RT5713 Datasheet HTML 3Page - Richtek Technology Corporation RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation RT5713 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
6
VIN
VOUT
VTH_100+
VTH_100-
VUVLO+
VUVLO-
VIN
VOUT
100% duty cycle
100% duty cycle
Soft-start
Step Down Operation
VO tracks VIN
VO tracks VIN
VOUT_target
Figure 1. Automatic Transition into 100% Duty Cycle
Over-Temperature Protection
When the junction temperature exceeds the OTP
threshold value, the IC will shut down the switching
operation. Once the junction temperature cools down
and is lower than the OTP lower threshold, the
converter will automatically resume switching.
Output Voltage Selection
The RT5713/14 provides 2 level output voltages which
can be programmed via the voltage select pin VSEL
without VOUT disable.
Over-Current Protection
The OCP function is implemented by UGATE and
LGATE. When the inductor current reaches the UGATE
current limit threshold, the high-side MOSFET will be
turned-off. The low-side MOSFET turns on to discharge
the inductor current until the inductor current trips below
the LGATE current limit threshold. After UGATE current
limit triggered, the max inductor current is decided by
the inductor current rising rate and the response delay
time of the internal network.
During OCP period, the output voltage drops below the
setting threshold (typ. 0.4V) and the current limit value
is reduced for lowering the devices loss, reducing the
heat and preventing further damage of the chip.
Due to internal propagation delay (tI_LIM_DELAY = 50ns),
the actual inductor current can exceed the static current
limit during that time.
The dynamic current limit can be calculated as follows :
(
)
IN
OUT
Current _limit_peak
UGATE_Current_limit
I_LIM_DELAY
V
- V
I
= I
+
L
t
UGATE Current limit level
Icurrent_ limit_ peak
IL
tI_LIM_DELAY = 50ns
Figure 2. Peak Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com