Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 17Page - Richtek Technology Corporation RT5713 Datasheet HTML 18Page - Richtek Technology Corporation RT5713 Datasheet HTML 19Page - Richtek Technology Corporation RT5713 Datasheet HTML 20Page - Richtek Technology Corporation RT5713 Datasheet HTML 21Page - Richtek Technology Corporation RT5713 Datasheet HTML 22Page - Richtek Technology Corporation RT5713 Datasheet HTML 23Page - Richtek Technology Corporation RT5713 Datasheet HTML 24Page - Richtek Technology Corporation RT5713 Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
22
Tape and Reel Data (QFN & DFN 2x2)
Package Type
Tape Size
(W1) (mm)
Pocket Pitch
(P) (mm)
Reel Size (A)
Units
per Reel
Trailer
(mm)
Leader
(mm)
Reel Width (W2)
Min./Max. (mm)
(mm)
(in)
QFN/DFN
2x2
8
4
180
7
2,500
160
600
8.4/9.9
Tape Size
W1
P
B
F
ØJ
H
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Max.
8mm
8.3mm
3.9mm
4.1mm
1.65mm
1.85mm
3.9mm
4.1mm
1.5mm
1.6mm
0.6mm
C, D and K are determined by component size.
The clearance between the components and
the cavity is as follows:
- For 12mm carrier tape: 0.5mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com