Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 3Page - Richtek Technology Corporation RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation RT5713 Datasheet HTML 10Page - Richtek Technology Corporation RT5713 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5713/14-03
March 2023
www.richtek.com
7
Absolute Maximum Ratings (Note 1)
⚫
VIN, LX, EN, VSEL, VOUT---------------------------------------------------------------------------------------
−0.3V to 6V
⚫
Power Dissipation, PD @ TA = 25
C
WL-CSP-6B 1.415x0.885 (BSC)-------------------------------------------------------------------------------- 0.79W
WDFN-6L 2x2 ------------------------------------------------------------------------------------------------------- 2.1W
⚫
Package Thermal Resistance
(Note 2)
WL-CSP-6B 1.415x0.885 (BSC),
JA-------------------------------------------------------------------------- 125.6C/W
WDFN-6L 2x2,
JA ------------------------------------------------------------------------------------------------- 47.5C/W
WDFN-6L 2x2,
JC ------------------------------------------------------------------------------------------------- 11.5C/W
⚫
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------- 260
C
⚫
Junction Temperature --------------------------------------------------------------------------------------------- 150
C
⚫
Storage Temperature Range ------------------------------------------------------------------------------------
−65C to 150C
⚫
ESD Susceptibility
(Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------
2kV
Recommended Operating Conditions (Note 4)
⚫
Supply Input Voltage ---------------------------------------------------------------------------------------------- 2.2V to 5.5V
⚫
Output Current (5.5V
 VIN  (VOUT_NOM + 0.7V)  3V) ------------------------------------------------- 0mA to 400mA
⚫
Ambient Temperature Range -----------------------------------------------------------------------------------
−40C to 85C
⚫
Junction Temperature Range -----------------------------------------------------------------------------------
−40C to 125C
Electrical Characteristics
(VIN = 3.6V, CIN = 18F, COUT = 44F, L = 1.5H, typical values are at TJ = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
BUCK Regulator
Under-Voltage Lockout
Rising Threshold
VUVLOR
VIN rising
--
2
2.15
V
Under-Voltage Lockout
Hysteresis
VUVLO_HYS
--
0.1
0.4
V
VOUT Voltage Accuracy
VOUT_ACC10
VOUT = 1.8V, IOUT = 10mA
−2.5
--
2.5
%
VOUT_ACC100
VOUT = 1.8V, IOUT = 100mA
−2
--
2
Input Quiescent Current
IQ_Non-SW
VOUT = 1.8V, IOUT = 0A, EN = VIN,
non-switching
--
360
800
nA
IQSW
VOUT = 1.8V, IOUT = 0A, EN = VIN,
switching
--
460
1200
Shutdown Current
ISHDN
EN = GND
--
0.2
1
A
Switching Frequency
fSW
VOUT = 1.8V, CCM mode
--
1.2
--
MHz
UGATE Current Limit
ICL_UG
VIN = 3.6V, VOUT = 1.8V
RT5713
0.58
0.78
0.98
A
RT5714
1
1.2
1.4
LGATE Current Limit
ICL_LG
VIN = 3.6V, VOUT = 1.8V
RT5713
0.48
0.68
0.88
A
RT5714
1
1.2
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com