Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation RT5713 Datasheet HTML 10Page - Richtek Technology Corporation RT5713 Datasheet HTML 11Page - Richtek Technology Corporation RT5713 Datasheet HTML 12Page - Richtek Technology Corporation RT5713 Datasheet HTML 13Page - Richtek Technology Corporation RT5713 Datasheet HTML 14Page - Richtek Technology Corporation RT5713 Datasheet HTML 15Page - Richtek Technology Corporation RT5713 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
12
Application Information
Richtek’s component specification does not include the following information in the Application Information section.
Thereby no warranty is given regarding its validity and accuracy. Customers should take responsibility to verify their
own designs and to ensure the functional suitability of their components and systems.
The RT5713/14 is a synchronous low voltage step-
down converter that can support the input voltage range
from 2.2V to 5.5V and the output current can be up to
400mA, peak to 0.5A (RT5713) / 600mA, peak to 1A
(RT5714). Internal compensation are integrated to
minimize external component count. Protection features
include
over-current
protection,
under-voltage
protection and over-temperature protection.
Inductor Selection
The recommended power inductor is 2.2
H and
inductor
saturation
current
rating
choose
follow
overcurrent
protection
design
consideration.
In
applications, it needs to select an inductor with the low
DCR to provide good performance and efficiency.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET.
To prevent large ripple voltage, a low ESR input
capacitor sized for the maximum RMS current should
be used. RMS current is given by :
IRMS = IOUT(MAX) ×
VOUT
VIN
× √
VIN
VOUT
- 1
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT / 2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief. To choose a
capacitor rated at a higher temperature than required.
Several capacitors may also be paralleled to meet size
or height requirements in the design.
The selection of COUT is determined by the Effective
Series Resistance (ESR) that is required to minimize
voltage ripple and load step transients, as well as the
amount of bulk capacitance that is necessary to ensure
that the control loop is stable. Loop stability can be
checked by viewing the load transient response as
described in a later section.
The output ripple,
VOUT, is determined by:
VOUT ≤ IL (ESR +
1
8 × fSW × COUT
)
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding airflow,
and the difference between the junction and ambient
temperatures. The maximum power dissipation can be
calculated using the following formula :
PD(MAX) = (TJ(MAX) - TA) /
JA
where TJ(MAX) is the maximum junction temperature, TA
is the ambient temperature, and
JA is the junction-to-
ambient thermal resistance.
For continuous operation, the maximum operating
junction temperature indicated under Recommended
Operating Conditions is 125°C. The junction-to-ambient
thermal resistance,
JA, is highly package dependent.
For a WL-CSP-6B 1.415x0.885 (BSC) package, the
thermal resistance,
JA, is 125.6°C/W on a standard
JEDEC 51-7 high effective-thermal-conductivity four-
layer test board. For a WDFN-6L 2x2 package, the
thermal resistance,
JA, is 47.5°C/W on a standard
JEDEC 51-7 high effective-thermal-conductivity four-
layer test board. The maximum power dissipation at TA
= 25°C can be calculated as below :
PD(MAX) = (125°C - 25°C) / (125.6°C/W) = 0.79W for a
WL-CSP-6B 1.415x0.885 (BSC) package.
PD(MAX) = (125°C - 25°C) / (47.5°C/W) = 2.1W for a
WDFN-6L 2x2 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com