Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5713 Datasheet HTML 1Page - Richtek Technology Corporation RT5713 Datasheet HTML 2Page - Richtek Technology Corporation RT5713 Datasheet HTML 3Page - Richtek Technology Corporation RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5713/14-03
March 2023
www.richtek.com
5
Functional Block Diagram
Gate
Drive
PSM/PWM
Control
VREF
Digital
Control
LX
GND
OSC
OTP
UVLO
OCP
R1
R2
VIN
EN
FB
Soft-start
AMP
VREF
Fast
Discharge
VOUT
+
-
EN
VOUT
VSEL
Operation
The RT5713/14 is a hysteretic constant on time (HCOT)
switching buck converter. The RT5713/14 provides
Over-Temperature Protection (OTP) and Over-Current
Protection (OCP) mechanisms to prevent the device
from damage with abnormal operations. When the EN
voltage is logic low, the IC will be shut down with low
input supply current less than 1
A.
Enable
The device can be enabled or disabled by the EN pin.
When the EN pin is higher than the threshold of logic-
high IC goes to normal operation. EN pin High transfer
Low into shutdown mode, the converter stops switching,
internal control circuitry is turned off and trigger
discharge function. That discharge function will close
after count 10ms (typ.). If systems need EN toggle
operation that EN turn off time must larger than 100
s
for internal circuit reset time.
UVLO Protection
To protect the chip from operating at insufficient supply
voltage, the UVLO is needed. When the input voltage is
lower than the UVLO falling threshold voltage, the
device will be lockout.
100% Duty Cycle Operation
The converter enters 100% duty cycle operation once
the input voltage decrease and the difference voltage
between input and output is lower than VTH_100-. The
output voltage follows the input voltage minus the
voltage drop across the internal P_MOSFET and the
inductor. Once the input voltage increases and trips the
100% mode exit threshold, VTH_100+, the converter
backs to normal switching again. See Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com