Electronic Components Datasheet Search
  English  ▼

X  

RT5713 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation RT5713 Datasheet HTML 10Page - Richtek Technology Corporation RT5713 Datasheet HTML 11Page - Richtek Technology Corporation RT5713 Datasheet HTML 12Page - Richtek Technology Corporation RT5713 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5713/14-03
March 2023
www.richtek.com
9
Typical Application Circuit
RT5713
2.2V to 5.5V
VIN
LX
EN
VOUT
Main
System
VIN
CIN
4.7
μF
L1
2.2
μH
COUT
10
μF
GND
RT5713
VSEL
VIN or GND
Recommended components information for the RT5713 as below table :
Reference
Part Number
Description
Package
Manufacturer
CIN
GRM155R60J475ME47
4.7
F/6.3V/X5R
0402
Murata
COUT
GRM155R60J106ME15
10
F/6.3V/X5R
0402
Murata
L1
DFE201610E-2R2M=P2
2.2
H
2016
Murata
RT5714
2.2V to 5.5V
VIN
LX
EN
VOUT
Main
System
VIN
CIN
10
μF
L1
2.2
μH
COUT
10
μF
GND
RT5714
VSEL
VIN or GND
Recommended components information for the RT5714 as below table :
Reference
Part Number
Description
Package
Manufacturer
CIN, COUT
GRM155R60J106ME15
10
F/6.3V/X5R
0402
Murata
L1
1239AS-H-2R2M
2.2
H
2520
Murata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com