Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5760 Datasheet HTML 1Page - Richtek Technology Corporation RT5760 Datasheet HTML 2Page - Richtek Technology Corporation RT5760 Datasheet HTML 3Page - Richtek Technology Corporation RT5760 Datasheet HTML 4Page - Richtek Technology Corporation RT5760 Datasheet HTML 5Page - Richtek Technology Corporation RT5760 Datasheet HTML 6Page - Richtek Technology Corporation RT5760 Datasheet HTML 7Page - Richtek Technology Corporation RT5760 Datasheet HTML 8Page - Richtek Technology Corporation RT5760 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5760-02
December
2019
www.richtek.com
3
Functional Pin Description
Pin No.
Pin Name
Pin Function
RT5760A/B RT5760C/D
1
1
FB
Feedback voltage input. Connect this pin to the midpoint of the external
feedback resistive divider to set the output voltage of the converter to
the desired regulation level. The device regulates the FB voltage at
Feedback Reference Voltage, typically 0.6V.
2
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback
network as close as possible to this pin.
3
3
VIN
Power input. The input voltage range is from 2.5V to 6V. Connect input
bypass capacitors directly to this pin and GND pins. MLCC with
capacitance higher than 10
F is recommended.
4
4
SW
Switch node between the internal switch and the synchronous rectifier.
Connect this pin to the inductor.
5
5
EN
Enable control input. Connect this pin to logic high can enable the
device and connect this pin to GND can disable the device. Do not
leave floating.
6
--
PG
Power good indicator. The output of this pin is an open-drain with
external pull-up resistor. After soft startup, PG is pulled up when the FB
voltage is within 90% (typ.).
--
6
NC
No internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com