Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT5760 Datasheet HTML 6Page - Richtek Technology Corporation RT5760 Datasheet HTML 7Page - Richtek Technology Corporation RT5760 Datasheet HTML 8Page - Richtek Technology Corporation RT5760 Datasheet HTML 9Page - Richtek Technology Corporation RT5760 Datasheet HTML 10Page - Richtek Technology Corporation RT5760 Datasheet HTML 11Page - Richtek Technology Corporation RT5760 Datasheet HTML 12Page - Richtek Technology Corporation RT5760 Datasheet HTML 13Page - Richtek Technology Corporation RT5760 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5760-02
December
2019
10
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Good Falling Delay Time
--
60
--
s
Output Discharge Resistor
Output Discharge Resistor
--
150
--
Note 1. Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2. Devices are ESD sensitive. Handling precaution is recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA and θJC are measured or simulated at TA = 25C based on the JEDEC 51-7 standard.
Note 5.
θJA(EVB) and ΨJC(TOP) are measured on a high effective-thermal-conductivity four-layer test board which is in size of
70mm x 50mm; furthermore, all layers with 1 oz. Cu. Thermal resistance/parameter values may vary depending on the
PCB material, layout, and test environmental conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com