Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5760 Datasheet HTML 15Page - Richtek Technology Corporation RT5760 Datasheet HTML 16Page - Richtek Technology Corporation RT5760 Datasheet HTML 17Page - Richtek Technology Corporation RT5760 Datasheet HTML 18Page - Richtek Technology Corporation RT5760 Datasheet HTML 19Page - Richtek Technology Corporation RT5760 Datasheet HTML 20Page - Richtek Technology Corporation RT5760 Datasheet HTML 21Page - Richtek Technology Corporation RT5760 Datasheet HTML 22Page - Richtek Technology Corporation RT5760 Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5760-02
December
2019
www.richtek.com
21
RFB2
CIN2
CIN1
COUT
L
REN
VOUT
VOUT
EN
GND
GND
GND
GND
Place the input MLCC capacitors as
close to the VIN and GND pins as
possible.
Place the feedback components
next to the FB pin.
Connect feedback network
behind the output
Add extra vias for thermal dissipation
Keep analog components
away from the SW node to
prevent stray capacitive noise
pickup.
The VIN trace should have enough
width, and use several vias to
shunt the high input current.
Figure 11. Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com