Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5760 Datasheet HTML 1Page - Richtek Technology Corporation RT5760 Datasheet HTML 2Page - Richtek Technology Corporation RT5760 Datasheet HTML 3Page - Richtek Technology Corporation RT5760 Datasheet HTML 4Page - Richtek Technology Corporation RT5760 Datasheet HTML 5Page - Richtek Technology Corporation RT5760 Datasheet HTML 6Page - Richtek Technology Corporation RT5760 Datasheet HTML 7Page - Richtek Technology Corporation RT5760 Datasheet HTML 8Page - Richtek Technology Corporation RT5760 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5760-02
December
2019
2
Ordering Information
RT5760
Package Type
H6F : SOT-563 (FC)
Lead Plating System
G : Green (Halogen Free and Pb Free)
UVP Option
H : Hiccup
PWM Operation Mode
A : Automatic PSM
B : Forced PWM
C : Automatic PSM
D : Forced PWM
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT5760AHGH6F
03 : Product Code
W : Date Code
03W
RT5760BHGH6F
02 : Product Code
W : Date Code
02W
0A : Product Code
W : Date Code
RT5760DHGH6F
0AW
RT5760CHGH6F
0B : Product Code
W : Date Code
0BW
Pin Configuration
(TOP VIEW)
FB
GND
VIN
PG
EN
SW
4
2
3
5
6
1
SOT-563 (FC) (RT5760A/B)
FB
GND
VIN
NC
EN
SW
4
2
3
5
6
1
SOT-563 (FC) (RT5760C/D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com