Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5760 Datasheet HTML 1Page - Richtek Technology Corporation RT5760 Datasheet HTML 2Page - Richtek Technology Corporation RT5760 Datasheet HTML 3Page - Richtek Technology Corporation RT5760 Datasheet HTML 4Page - Richtek Technology Corporation RT5760 Datasheet HTML 5Page - Richtek Technology Corporation RT5760 Datasheet HTML 6Page - Richtek Technology Corporation RT5760 Datasheet HTML 7Page - Richtek Technology Corporation RT5760 Datasheet HTML 8Page - Richtek Technology Corporation RT5760 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5760-02
December
2019
www.richtek.com
1
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
General Description
The RT5760 is a simple, easy-to-use, 1A synchronous
step-down DC-DC converter with an input supply
voltage range of 2.5V to 6V. The device build-in an
accurate 0.6V reference voltage and integrates low
RDS(ON) power MOSFETs to achieve high efficiency in
a SOT-563 (FC) package.
The RT5760 adopts Advanced Constant On-Time
(ACOTTM) control architecture to provide an ultrafast
transient response with few external components and
to operate in nearly constant switching frequency over
the line, load, and output voltage range. The RT5760A
operates in automatic PSM that maintains high
efficiency during light load operation. The RT5760B
operates in Forced PWM that helps meet tight voltage
regulation accuracy requirements. The RT5760C/D
remove the power good indicator function of the
RT5760A/B for different application.
The RT5760 senses both FETs current for a robust
over-current
protection.
The
device
features
cycle-by-cycle current limit protection and prevent the
device from the catastrophic damage in output short
circuit, over current or inductor saturation. A built-in
soft-start function prevents inrush current during
start-up. The device also includes input under-voltage
lockout,
output
under-voltage
protection,
and
over-temperature protection (thermal shutdown) to
provide safe and smooth operation in all operating
conditions.
Features
Input Voltage Range of 2.5V to 6V
Integrated 120m
 and 80m FETs
1A Output Current, up to 95% Efficiency
100% Duty Cycle for Lowest Dropout
0.6V, 1% Internal Reference Voltage
2.2MHz Typical Switching Frequency
Power Saving Mode for Light Loads (RT5760A/C)
Low Shutdown Current
 1A
Low Quiescent Current: 25
A (Typ.)
Fast Advanced Constant On-Time (ACOT
TM)
Control
Internal Soft Startup (0.6ms)
Independent Enable Control Input
Power Good Indicator
Both FETs Over-Current Protection
Input Under-Voltage Lockout Protection
Hiccup-Mode Output Under-Voltage Protection
Over-Temperature Protection (Thermal Shutdown)
RoHS Compliant and Halogen Free
Applications
Mobile Phones and Handheld Devices
STB, Cable Modem, and xDSL Platforms
WLAN ASIC Power / Storage (SSD and HDD)
General Purpose for POL LV Buck Converter
Simplified Application Circuit
EN
RT5760
FB
GND
VIN
VIN
CIN
**PG
L
COUT
SW
VOUT
RFB1
Enable
RFB2
*CFF
VPG
RPG
*CFF : Optional for performance fine-tune
**PG : RT5760A/B only.


Similar Part No. - RT5760

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5762 RICHTEK-RT5762 Datasheet
1,002Kb / 32P
2A, 1.2MHz, 6V Synchronous Step-Down Converter in SOT-563 (FC) and UDFN-6L 1.4x1 (FC)
November 2023
More results

Similar Description - RT5760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
logo
Central Semiconductor C...
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
logo
Texas Instruments
TPS564242 TI-TPS564242 Datasheet
1Mb / 31P
TPS56424x 3-V to 16-V Input Voltage, 4-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS565242 TI-TPS565242_V01 Datasheet
1Mb / 31P
TPS56524x 3-V to 16-V Input Voltage, 5-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS566242 TI-TPS566242_V01 Datasheet
1Mb / 31P
TPS56624x 3-V to 16-V Input Voltage, 6-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS563252 TI-TPS563252_V01 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS564252 TI-TPS564252_V01 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com