Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT5760 Datasheet HTML 15Page - Richtek Technology Corporation RT5760 Datasheet HTML 16Page - Richtek Technology Corporation RT5760 Datasheet HTML 17Page - Richtek Technology Corporation RT5760 Datasheet HTML 18Page - Richtek Technology Corporation RT5760 Datasheet HTML 19Page - Richtek Technology Corporation RT5760 Datasheet HTML 20Page - Richtek Technology Corporation RT5760 Datasheet HTML 21Page - Richtek Technology Corporation RT5760 Datasheet HTML 22Page - Richtek Technology Corporation RT5760 Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5760-02
December
2019
www.richtek.com
23
Footprint Information
Package
Number of
Pin
Footprint Dimension (mm)
Tolerance
P1
A
B
C
D
M
SOT-563(FC)
6
0.50
2.42
1.02
0.70
0.30
1.30
±0.10
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1
st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Customers should obtain the latest relevant information and data sheets before placing orders and should verify that
such information is current and complete. Richtek cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek product.
Information furnished by Richtek is believed to be accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights
of Richtek or its subsidiaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com