Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5760 Datasheet HTML 7Page - Richtek Technology Corporation RT5760 Datasheet HTML 8Page - Richtek Technology Corporation RT5760 Datasheet HTML 9Page - Richtek Technology Corporation RT5760 Datasheet HTML 10Page - Richtek Technology Corporation RT5760 Datasheet HTML 11Page - Richtek Technology Corporation RT5760 Datasheet HTML 12Page - Richtek Technology Corporation RT5760 Datasheet HTML 13Page - Richtek Technology Corporation RT5760 Datasheet HTML 14Page - Richtek Technology Corporation RT5760 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5760-02
December
2019
www.richtek.com
11
Typical Application Circuit
*CFF : Optional for performance fine-tune
**PG : RT5760A/B only.
EN
RT5760
FB
GND
VIN
VIN
10
μF
CIN
**PG
L
COUT
SW
VOUT
RFB1
3
5
2
4
6
1
Enable
CIN
0.1
μF
RFB2
*CFF
10
μF
VPG
100k
RPG
Table 1. Suggested Component Values
VOUT (V)
RFB1 (k)
RFB2 (k)
L (
H)
3.3
45
10
1
1.8
20
10
1
1.5
15
10
1
1.2
10
10
1
1.05
7.5
10
1
1
6.65
10
1
Table 2. Recommended External Components
Component
Description
Vendor P/N
CIN
10
F, 6.3V, X5R, 0603 0603X106M6R3 (WALSIN)
GRM188R60J106ME84 (MURATA)
*COUT
10
F, 6.3V, X5R, 0603 0603X106M6R3 (WALSIN)
GRM188R60J106ME84 (MURATA)
L
1
H
DFE252010F-1R0M (MURATA)
HMLQ25201T-1R0MSR (CYNTEC)
*COUT : Considering the effective capacitance de-rated with biased voltage level and size, the COUT component
needs satisfy the effective capacitance at least 4
F for VOUT = 3.3V and 7F for VOUT  3.3V for stable and
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com