Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5760 Datasheet HTML 15Page - Richtek Technology Corporation RT5760 Datasheet HTML 16Page - Richtek Technology Corporation RT5760 Datasheet HTML 17Page - Richtek Technology Corporation RT5760 Datasheet HTML 18Page - Richtek Technology Corporation RT5760 Datasheet HTML 19Page - Richtek Technology Corporation RT5760 Datasheet HTML 20Page - Richtek Technology Corporation RT5760 Datasheet HTML 21Page - Richtek Technology Corporation RT5760 Datasheet HTML 22Page - Richtek Technology Corporation RT5760 Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5760-02
December
2019
22
Outline Dimension
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.500
0.600
0.020
0.024
A1
0.000
0.050
0.000
0.002
A3
0.080
0.180
0.003
0.007
b
0.150
0.300
0.006
0.012
D
1.500
1.700
0.059
0.067
E
1.500
1.700
0.059
0.067
E1
1.100
1.300
0.043
0.051
e
0.500
0.020
L
0.100
0.300
0.004
0.012
L1
0.200
0.400
0.008
0.016
SOT-563 (FC) Surface Mount Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com