Electronic Components Datasheet Search
  English  ▼

X  

RT5760 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5760
Description  6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5760 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5760 Datasheet HTML 9Page - Richtek Technology Corporation RT5760 Datasheet HTML 10Page - Richtek Technology Corporation RT5760 Datasheet HTML 11Page - Richtek Technology Corporation RT5760 Datasheet HTML 12Page - Richtek Technology Corporation RT5760 Datasheet HTML 13Page - Richtek Technology Corporation RT5760 Datasheet HTML 14Page - Richtek Technology Corporation RT5760 Datasheet HTML 15Page - Richtek Technology Corporation RT5760 Datasheet HTML 16Page - Richtek Technology Corporation RT5760 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
RT5760
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5760-02
December
2019
www.richtek.com
13
Output Voltage vs. Input Voltage
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
VOUT = 1.2V, IOUT = 1A
Current Limit vs. Temperature
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Low-Side MOSFET, VIN = 3.6V
Current Limit vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
High-Side MOSFET, VIN = 3.6V
Switching Frequency vs. Temperature
2.00
2.10
2.20
2.30
2.40
2.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.6V, VOUT = 1.2V, IOUT = 1A
Shutdown Current vs. Temperature
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.6V
Quiescent Current vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
Temperature (°C)
RT5760A, VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com