Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP4864A Datasheet HTML 1Page - MPS Industries, Inc. MP4864A Datasheet HTML 2Page - MPS Industries, Inc. MP4864A Datasheet HTML 3Page - MPS Industries, Inc. MP4864A Datasheet HTML 4Page - MPS Industries, Inc. MP4864A Datasheet HTML 5Page - MPS Industries, Inc. MP4864A Datasheet HTML 6Page - MPS Industries, Inc. MP4864A Datasheet HTML 7Page - MPS Industries, Inc. MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
4
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
D13
SWOUT14 Analog switch output 14. Connect SWOUT14 to the piezoelectric transducer.
D14
SWIN13
Analog switch input 13. Connect SWIN13 to the high-voltage pulse/transmitter.
E1
SWIN0
Analog switch input 0. Connect SWIN0 to the high-voltage pulse/transmitter.
E2
GND
Device ground.
E4
SWIN37
Analog switch input 37. Connect SWIN37 to the high-voltage pulse/transmitter.
E5
SWOUT37 Analog switch output 37. Connect SWOUT37 to the piezoelectric transducer.
E6
SWIN39
Analog switch input 39. Connect SWIN39 to the high-voltage pulse/transmitter.
E7
SWOUT39 Analog switch output 39. Connect SWOUT39 to the piezoelectric transducer.
E8
SWIN42
Analog switch input 42. Connect SWIN42 to the high-voltage pulse/transmitter.
E9
SWOUT42 Analog switch output 42. Connect SWOUT42 to the piezoelectric transducer.
E10
SWOUT45 Analog switch output 45. Connect SWOUT45 to the piezoelectric transducer.
E11
SWOUT44 Analog switch output 44. Connect SWOUT44 to the piezoelectric transducer.
E13
SWIN46
Analog switch input 46. Connect SWIN46 to the high-voltage pulse/transmitter.
E14
SWOUT13 Analog switch output 13. Connect SWOUT13 to the piezoelectric transducer.
F1
VLL
Logic supply voltage. VLL has an operating range of 2.7V to 5.5V.
F2
VDD
Translator supply voltage. VDD has an operating range of 10V to 14V.
F4
SWOUT34 Analog switch output 34. Connect SWOUT34 to the piezoelectric transducer.
F5
GND
Device ground.
F10
SWIN48
Analog switch input 48. Connect SWIN48 to the high-voltage pulse/transmitter.
F11
SWIN47
Analog switch input 47. Connect SWIN47 to the high-voltage pulse/transmitter.
F13
SWOUT46 Analog switch output 46. Connect SWOUT46 to the piezoelectric transducer.
F14
SWIN15
Analog switch input 15. Connect SWIN15 to the high-voltage pulse/transmitter.
G1
DIN
Logic input. DIN is the data input for the 64-bit serial shift register.
G2
GND
Device ground.
G4
SWIN34
Analog switch input 34. Connect SWIN34 to the high-voltage pulse/transmitter.
G5
SWOUT33 Analog switch output 33. Connect SWOUT33 to the piezoelectric transducer.
G10
SWOUT48 Analog switch output 48. Connect SWOUT48 to the piezoelectric transducer.
G11
SWOUT47 Analog switch output 47. Connect SWOUT47 to the piezoelectric transducer.
G13
SWIN17
Analog switch input 17. Connect SWIN17 to the high-voltage pulse/transmitter.
G14
SWOUT15 Analog switch output 15. Connect SWOUT15 to the piezoelectric transducer.
H1
CLK
Logic input. CLK is the clock input for the 64-bit serial shift register. Load data into the
register during the rising edge of the clock.
H2
GND
Device ground.
H4
SWOUT32 Analog switch output 32. Connect SWOUT32 to the piezoelectric transducer.
H5
SWIN33
Analog switch input 33. Connect SWIN33 to the high-voltage pulse/transmitter.
H10
SWIN50
Analog switch input 50. Connect SWIN50 to the high-voltage pulse/transmitter.
H11
SWIN49
Analog switch input 49. Connect SWIN49 to the high-voltage pulse/transmitter.
H13
SWOUT17 Analog switch output 17. Connect SWOUT17 to the piezoelectric transducer.
H14
SWIN16
Analog switch input 16. Connect SWIN16 to the high-voltage pulse/transmitter.
J1
LEB
Logic input. LEB is the latch enable bar for the 64-bit latch. Pull this pin logic low to
transfer data from the serial shift registers to the latches; pull it high to hold the data in the
latches. See the Logic Truth Table on page 11 for more details.
J2
GND
Device ground.
J4
SWIN32
Analog switch input 32. Connect SWIN32 to the high-voltage pulse/transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com