Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 12Page - MPS Industries, Inc. MP4864A Datasheet HTML 13Page - MPS Industries, Inc. MP4864A Datasheet HTML 14Page - MPS Industries, Inc. MP4864A Datasheet HTML 15Page - MPS Industries, Inc. MP4864A Datasheet HTML 16Page - MPS Industries, Inc. MP4864A Datasheet HTML 17Page - MPS Industries, Inc. MP4864A Datasheet HTML 18Page - MPS Industries, Inc. MP4864A Datasheet HTML 19Page - MPS Industries, Inc. MP4864A Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
16
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Description
The MP4864A is a 64-channel, high-voltage,
single-pole single-throw (SPST) analog switch
with integrated output bleed resistors. It is
designed
for
medical
ultrasound
imaging
applications, as well as for non-destructive
testing
(NDT)
applications.
The
device
is
designed to multiplex high transmission voltages
to the selected piezoelectric transducer, and to
multiplex the small analog echo signal to the
selected receiver.
The output switches are controlled by a 64-bit
serial shift register, followed by a 64-bit data
latch. A data out (DOUT) pin allows for multiple
devices to be cascaded together. This helps
minimize the number of input/output (I/O) control
lines. A logic high signal in the data latch turns
on the corresponding analog switch; a logic low
signal turns off the corresponding analog switch.
The MP4864A has a unique, patented design
that does not require any high-voltage negative
or positive supplies. As a result, the MP4864A
eliminates the following:
 The need to generate high-voltage positive
and negative supplies
 The need for high-voltage bypass capacitors
next to each device
 Safety concerns on high-voltage buses
 Concerns
for
start-up/shutdown
fault
conditions
Analog Switch
Analog switches have a typical switch resistance
of 14
Ω. In the on state, the MP4864A can pass
transmission voltages up to ±90V with peak
currents of up to ±2A. In the off state, it can block
voltages up to ±90V.
Each switch has a dedicated input and output
pin, SWIN and SWOUT. The transmission
voltages must be connected to the SWIN pins,
and the PZT load to the SWOUT pins. The SWIN
and SWOUT pins are not interchangeable.
Short bursts of high-voltage pulses make up
typical high-voltage transmission waves. The
burst can consist of a single cycle to multiple
cycles of 1MHz to 15MHz pulses, starting and
ending at 0V (see Figure 12).
Figure 12: Typical Tx High Voltage Burst
The SWIN input must be close to ground before
sending the high-voltage pulses. This allows the
internal circuitry to properly drive the output
switches.
Transmission
voltages
above
±5V
require
frequencies
above
500kHz.
There
is
no
restriction when receiving echo signals in which
the voltages are below ±0.5V. The switch can
pass low-voltage DC signals.
Logic Interface
The MP4864A is controlled by a 64-bit serial shift
register, followed by a 64-bit latch. Data is
loaded to the shift register during the rising edge
of the clock. No data is transferred during the
falling edge. Data is shifted to register 0, then
data is shifted out from register 63.
Figure 13 shows the logic interface details.
During the first clock cycle, the first data bit
enters shift register 0. After 63 more clocked
cycles, the first bit is in register 63.
Figure 13: Logic Interface Details
When the latch enable bar (LE\) is low, the data
in the shift registers is transferred into the 64-bit
latch. When LE\ is high, the data in the latches
are held. With high LE\, new data can be shifted
into the 64-bit serial shift register without
affecting the data in the 64-bit latch. The output
switch states follow the data in the 64-bit latch.
Register
0
Latch
0
Clk
DIN
DOUT
LE\
SW0
Control
Register
62
Latch
62
SW62
Control
Register
63
Latch
63
SW63
Control
0V
+90V
-90V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com