Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 6Page - MPS Industries, Inc. MP4864A Datasheet HTML 7Page - MPS Industries, Inc. MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. MP4864A Datasheet HTML 10Page - MPS Industries, Inc. MP4864A Datasheet HTML 11Page - MPS Industries, Inc. MP4864A Datasheet HTML 12Page - MPS Industries, Inc. MP4864A Datasheet HTML 13Page - MPS Industries, Inc. MP4864A Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
10
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10
100
FREQUENCY (MHz)
Bandwidth vs. Frequency
RLOAD = 50Ω
-90
-80
-70
-60
-50
-40
1
10
100
FREQUENCY (MHz)
Off-Isolation vs. Frequency
RLOAD = 50Ω
0
2
4
6
8
10
12
14
16
-90 -70 -50 -30 -10 10
30
50
70
90
V
SIN (V)
On Switch Resistance vs.
Switch Input Voltage
R
LOAD = 50Ω
0
2
4
6
8
10
12
14
16
0
20
40
60
80
CLK FREQUENCY (MHz)
I
LL vs. CLK Frequency
V
DD = 12V, VLL = 5V
0
2
4
6
8
10
12
0
5
10 15 20 25 30 35 40 45 50
SWITCH ON/OFF FREQUENCY (kHz)
I
DD vs. Switch On/Off Frequency
V
DD = 12V, VLL = 5V, all 64 channels
switching
3
4
5
6
7
8
9
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
LL (V)
I
LL vs. VLL
CLK = 40MHz, D
IN = 20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com