Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 19 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 19 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 14Page - MPS Industries, Inc. MP4864A Datasheet HTML 15Page - MPS Industries, Inc. MP4864A Datasheet HTML 16Page - MPS Industries, Inc. MP4864A Datasheet HTML 17Page - MPS Industries, Inc. MP4864A Datasheet HTML 18Page - MPS Industries, Inc. MP4864A Datasheet HTML 19Page - MPS Industries, Inc. MP4864A Datasheet HTML 20Page - MPS Industries, Inc. MP4864A Datasheet HTML 21Page - MPS Industries, Inc. MP4864A Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
19
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Figure 17 shows the advantage of placing
analog switches inside the probe head, which is
called an active probe. Typically, the probe head
is severely space-limited and thermally limited.
The housing is waterproof so that it can be
submersed
in
alcohol
for
sterilization.
By
employing analog switches inside the probe
head, the number of coaxial cables can be
reduced. Instead of 192 coaxial cables, only 64
coaxial cables are required for the PZT, plus 10
or less additional coaxial cables for the supply
lines and logic interface.
The reduced number of coaxial cables provides
significant cost savings for the probe head. The
coaxial cable is by far the most expensive item.
Aside from the material cost, the labor to connect
the coaxial cables is also quite costly. An added
user benefit is the increased maneuverability of
the probe head. The sonographer undergoes
less fatigue using an active probe. Because it
does not require high-voltage supplies, the
MP4864A eliminates concerns about running
high-voltage DC lines on the coaxial cables. The
minimal power dissipation design also minimizes
thermal constraints inside the probe head, and
the higher clock speed helps reduce the number
of data lines.
SWIN-0
PZT-0
SWIN-1
PZT-64
SWIN-2
PZT-128
SWIN-189
PZT- 63
SWIN-190
PZT-127
SWIN-191
PZT-191
Tx
Rx
T/R
SW
Tx-0
Tx
Rx
T/R
SW
Tx-63
Ultrasound Probe
Ultrasound Console
64 Coaxial Cables
Figure 17: MP4864A Inside the Ultrasound Probe Head



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com