Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 8 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 8 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 4Page - MPS Industries, Inc. MP4864A Datasheet HTML 5Page - MPS Industries, Inc. MP4864A Datasheet HTML 6Page - MPS Industries, Inc. MP4864A Datasheet HTML 7Page - MPS Industries, Inc. MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. MP4864A Datasheet HTML 10Page - MPS Industries, Inc. MP4864A Datasheet HTML 11Page - MPS Industries, Inc. MP4864A Datasheet HTML 12Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
8
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
AC ELECTRICAL CHARACTERISTICS
VDD = 12V, VLL = 5V, unless otherwise noted. (5)
Parameter
Sym.
Conditions
TJ = 0°C
TJ = 25°C
TJ = 70°C
Units
Min
Max
Min
Typ Max Min Max
Clock frequency (6)
fCLK
50% duty cycle
VLL = 3.3V
0
40
0
40
0
40
MHz
VLL = 5V
0
80
0
80
0
80
Clock rise time (6)
tr
50
50
50
ns
Clock fall time (6)
tf
50
50
50
ns
Set-up time from data
to the rising edge of
clock (6)
tSU
1
1
1
ns
Hold time from the
rising edge of clock to
data (6)
tH
1
1
1
ns
Set-up time before the
LE bar rises (6)
tSD
6
6
6
ns
LE\ pulse width (6)
tWLE_BAR
6
6
6
ns
Data out propagation
delay time from rising
edge of clock (5)
tDOHL,
tDOLH
20pF on DOUT to ground
4
11
4
6
11
4
11
ns
Output switch turn-on
time
tON
SWIN = 2V,
SWOUT = 50
Ω to ground,
see Figure 5 on page 13
2
2
2
µs
Output switch turn-off
time
tOFF
2
2
2
µs
Analog signal slew
rate (6)
dv/dt
20
20
20
V/ns
Off-isolation (6)
KO
Freq = 5MHz,
RLOAD = 50
Ω,
see Figure 6 on page 13
-66
dB
Switch crosstalk (6)
KCR
Freq = 5MHz,
RLOAD = 50
Ω,
see Figure 7 on page 13
-60
dB
SWIN switch-off
capacitance (6)
CSWIN-OFF
26
pF
SWIN switch-on
capacitance (6)
CSWIN-ON
35
pF
SWOUT switch-off
capacitance (6)
CSWOUT-
OFF
9
pF
SWOUT switch-on
capacitance (6)
CSWOUT-
ON
35
pF
Positive output
voltage spike (6)
+VSPK
SWIN = 1k
Ω to ground,
SWOUT = 50
Ω to ground,
see Figure 8 on page 14
120
120
120
mV
Negative output
voltage spike (6)
-VSPK
-24
-24
-24
mV
Output charge
injection (6)
QINJ
CLOAD = 1000pF,
see Figure 9 on page 14
29
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com